PART |
Description |
Maker |
IRG4PC30S IRG4PC30SPBF |
600V DC-1 kHz (Standard) Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A)
|
IRF[International Rectifier]
|
IRG4BC30S-S IRG4BC30SS IRG4BC30S-STRL IRG4BC30S-ST |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 18A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 18A条一(c)|63AB INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管IGBT的标准速度(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条) INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V Vce(on)typ.=1.4V @Vge=15V Ic=18A) 600V DC-1 kHz (Standard) Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|
IRG4BC20SD IRG4BC20SDPBF |
600V DC-1 kHz (Standard) Copack IGBT in a TO-220AB package
|
International Rectifier
|
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
IRGB6B60KD IRGS6B60KD IRGSL6B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRG4PC40K |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.1V, @Vge=15V, Ic=25A)
|
IRF[International Rectifier]
|
IRG4PC50W IRG4PC50WPBF |
600V Warp 60-150 kHz Discrete IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)max.=2.30V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRGS30B60KPBF IRGSL30B60KPBF |
600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
AUIRGS30B60KTRL AUIRGSL30B60K |
600V Automotive UltraFast 10-30 kHz IGBT in a D2-Pak package 600V Automotive UltraFast 10-30 kHz IGBT in a TO-262 package
|
International Rectifier
|
MRA4005T1 MRA4004 MRA4004T3 MRA4004T3G MRA4003 MRA |
Surface Mount Standard Recovery Power Rectifier 1 A, 600 V, SILICON, SIGNAL DIODE 1A 600V Standard Recovery Rectifier 1A 400V Standard Recovery Rectifier 1A 800V Standard Recovery Rectifier 1A 1000V Standard Recovery Rectifier
|
ONSEMI[ON Semiconductor]
|